|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
small surface mounting type.(umd3,smd3) two diode elements are connected in series. high speed switching application. type no. marking package code DAN217 ba1 sot-23 maximum rating @ ta=25 unless otherwise specified characteristic symbol limits unit peak reverse voltage v rm 80 v dc reverse voltage v r 80 v maximum (peak)forward current i fm 300 ma forward continuous current i o 100 ma surge current (1 s) i fsm 4000 ma power dissipation p d 200 mw operating junction temperature range t j 125 storage temperature range t stg -55 to +125 electrical characteristics @ ta=25 unless otherwise specified characteristic symbol min max unit test condition reverse breakdown voltage v (br)r 80 v i r = 100 a forward voltage v f 1.2 v i f =100ma reverse leakage current i r 0.1 a v r =70v DAN217 surface mount switching diode dimensions in inches and (millimeters) sot-23 features applications ordering information ? ? ? http://www.luguang.cn mail:lge@luguang.cn
typical characteristics @ ta=25 unless otherwise specified DAN217 surface mount switching diode http://www.luguang.cn mail:lge@luguang.cn |
Price & Availability of DAN217 |